Part Number Hot Search : 
KM616 A9N18468 SP312ECA IRFP4127 75000 GSYBA 43CTQ080 2SK3405
Product Description
Full Text Search
 

To Download DN6849S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hall ICs
DN6849/SE/S
4.00.2 (1.0)
Wide operating temperature range (-40C to +100C) Alternating magnetic field operation
I Overview
In each of Hall ICs, a Hall element, an amplifier circuit, a Schmidt circuit, a stabilized power supply, and a temperature compensation circuit are integrated on a single chip by IC technique. The Hall element output is amplified by the amplifier circuit, and converted into the corresponding digital signals through the Schmidt circuit so that TTL and MOS IC are directly drivable.
DN6849
4.50.2
Unit: mm
2.00.2 (1.0)
(5)
10.50.5
0.550.15
(1.0)
0.80.1
(0.7)
1.27 123
0.43 -0.05 5 2
+0.1
0.43 -0.05
+0.1
1 : VCC 2 : GND 3 : Output
SSIP003-P-0000A
I Features
* High sensitivity and low drift * Stabilized temperature characteristics owing to additional integration of temperature compensation circuit. * Wide operating supply voltage range (VCC = 4.5 V to 16 V) * Alternating magnetic field operation * TTL and MOS IC are directly drivable by the output. * Open collector output
DN6849SE
4.520.3
Unit: mm
4.520.3 12.506.5
(0.72) (0.4) 1.540.1 1 : VCC 2 : GND 3 : Output
I Applications
* Speed sensor, position sensor, rotation sensor, keyboard switch, micro switch and the like
0.40.1
1.27 123
SSIP003-P-0000C
(1.0)
0.550.15
(1.0)
I Block Diagram (DN6849/SE/S)
DN6849S
1
0.60.2
Unit: mm
4
3.00.3 0.950.2 1.6
N.C. or GND
(2)
Power supply circuit and temperature compensation circuit
1
2
3
VCC
2
Hall element Amplifier Schmidt trigger Output stage
0.40.15
GND (4)
3.00.3 5.40.4
Note) The number in ( ) shows the pin number for the DN6849S.
ESOP004-P-0200 Note) The packages (SSIP003-P-0000A, SSIP003-P0000C and ESOP004-P-0200) of this product will be changed to lead-free type (SSIP003-P0000H, SSIP003-P-0000J and ESOP004-P0200A). See the new package dimensions section later of this datasheet.
0.2 0.10.1
1 : VCC 2 : N.C. or GND 3 : Output 4 : GND
0.40.2
+0.15 -0.05
1.50.3
3
Output
53
DN6849/SE/S
I Absolute Maximum Ratings
Parameter Supply voltage Supply current Circuit current Power dissipation Operating ambient temperature Storage temperature Symbol VCC ICC IO PD Topr Tstg Rating 18 8 20 150 -40 to +100 -55 to +125
Hall ICs
Unit V mA mA mW C C
Note) This IC is not suitable for car electrical equipment.
I Recommended Operating Range
Parameter Supply voltage Symbol VCC Range 4.5 to 16 Unit V
I Electrical Characteristics at Ta = 25C
Parameter Operating magnetic flux density Symbol B1(L-H) B2(H-L) Hysteresis width Output voltage Output current Supply current BW VOL IOH ICC VCC = 12 V VCC = 12 V VCC = 12 V VCC = 4.5 V to 16 V, IO = 12 mA, B = 17.5 mT VCC = 4.5 V to 16 V, VO = 16 V, B = -17.5 mT VCC = 16 V VCC = 4.5 V Conditions Min -17.5 7 Typ -6 6 10 Max 17.5 0.4 10 6 5.5 Unit mT mT mT V A mA mA
Note) 1. The variation of operating magnetic flux density does not depend on supply voltage due to its built-in stabilized power source. (VCC should be confined to the range of 4.5 V to 16 V.) 2. A supply current increases by approximately 1 mA when its output level varies from high to low.
I Technical Data
* Position of Hall element (unit: mm) A Hall element is placed on the shaded part in the figure. DN6849
1.0 1.75
DN6849SE
1. 0
1.0 1.63
DN6849S
1. 0
1.0
1.0
1.25 1.5
1.3
1.5
Distance from package surface to sensor part 0.7 0.42 0.65
54
Hall ICs
I Technical Data (continued)
* Magneto-electro conversion characteristics
Output voltage VO
DN6849/SE/S
Marked face
BL-H
BH-L
Applying direction of magnetic flux
Magnetic flux density B
* Main characteristics Supply current Ambient temperature
8
Operating magnetic flux density Ambient temperature
VCC = 12 V
7
20
6
Operating magnetic flux density B (mT)
Supply current ICC (mA)
VCC = 16 V 5
10
Sample 1
B H-L
Sample 2 BH-L
Samp le 3 B H
4 VCC = 4.5 V 3
0
-L
Sample 1 B L-H
-10
Sample 2 BL-H
Sample 3B L-
2
H
1
-20
0
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Operating magnetic flux density Supply voltage
Ta = 25C 20
Low-level output voltage Ambient temperature
100 90 80 70 60 50 40 30 20 VCC = 12 V IO = 12 mA
Operating magnetic flux density B (mT)
BH-L 10
0 BL-H
-10
-20
Low-level output voltage VOL (mV)
10 0 0 2 4 6 8 10 12 14 16 18 20
-50
-25
0
25
50
75
100
125
Supply voltage VCC (V)
Ambient temperature Ta (C)
55
DN6849/SE/S
I New Package Dimensions (Unit: mm)
* SSIP003-P-0000H (Lead-free package)
4.500.20
(0.70)
Hall ICs
2.000.20
(1.00)
0.550.15
(1.00)
(1.00)
1 1.27
3 0.400.10 1.27 0.40+0.10 -0.05
* SSIP003-P-0000J (Lead-free package)
4.520.20
1 1.27
3 0.400.10 1.27 (0.72) 0.40+0.10 -0.05 1.540.10
* ESOP004-P-0200A (Lead-free package)
3.000.20 4 3
12.500.65
0.550.15
(1.00)
(1.00)
4.520.20
10.500.50
4.000.20
(1.20)
3.000.20 5.400.40 0.15+0.10 -0.05
0.400.15
1 (0.70) 1.60
2 0.600.20
0.100.10 1.500.20
Seating plane
Seating plane
56


▲Up To Search▲   

 
Price & Availability of DN6849S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X